PART |
Description |
Maker |
SPH SPF |
General-Purpose Failsafe Moulded Wirewound Resistors
|
TT Electronics / Welwyn Welwyn Components Limited
|
TFV3187C-100 TFV3A187C-100 TFV3P187C-100 TFV3X187C |
THERMAL FUSE RESISTORS, 1/2W to 60W PERMANENT OR REPLACEABLE FUSE
|
RCD COMPONENTS INC.
|
CCP-33DX0-DM CCP-33DX0-DMS CCP-33DX0-DS CCP-33DX0- |
Failsafe SPDT Coaxial Switch Commercial Failsafe SPDT, DC-3GHz, Low PIM
|
Teledyne Technologies I... Willow Technologies Ltd
|
F504 F513 F501 F511 F509 F515 F510 F521 F520 F505 |
U.L. Approved Dual Function Fuse Resistors
|
IRC - a TT electronics Company.
|
L11B |
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
|
Bourns Inc.
|
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
SP3078EEN-L SP3078EEN-L_TR SP3072EEN-L SP3072EEN-L |
隆戮15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers 卤15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers ±15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
|
Exar Corporation http://
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
ESD4 ESD2 ESD6 ESD20 ESD10 |
Fuse ELECTRIC FUSE, 10A, 550VAC, 250VDC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|